Part Number Hot Search : 
MAXL001 IRFZ3 84134311 DK0034T R2812S PT150S8 106K0 00041
Product Description
Full Text Search
 

To Download NCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
NCC
BUSSED RESISTOR NETWORK
California Micro Devices' resistor arrays are the hybrid equivalent to the bussed resistor networks available in surface-mount packages. The resistors are spaced on ten mil centers resulting in reduced real estate. These chips are manufactured using advanced thin film processing techniques and are 100% electrically tested and visually inspected.
STANDARD NETWORK SCHEMATIC DIAGRAM
90
Formats
R1 R2 R3 R4 R5 R6 R7 R8 60
Die Size: 903 x 603 mils Bonding Pads: 5x7 mils typical
ELECTRICAL SPECIFICATIONS Parameter TCR Operating Voltage Power Rating (per resistor) Thermal Shock High Temperature Exposure Moisture Life Noise Short Time Overload Insulation Resistance -55C to 125C -55C to 125C @ 70C (Derate linearly to 0@150C) Method 107 MIL-STD-202F 100Hrs @ 150C Ambient Method 106 MIL-STD-202F Method 108 MIL-STD-202F (125C/1000hr) Method 308 MIL-STD-202F 250k MIL-R-83401 @25C Test Conditions 100ppm/C 50Vdc 50mw 0.25%@R 0.25%R 0.5%R 0.5%R -35dB -30dB 0.25% 1 x 101 2 Max Max Max Max Max Max Max Max Max Max Min.
M E C H A N I C A L S P E C I F I C AT I O N S
Substrate Isolation Layer Backing Metalization Passivation Silicon 10 2 mils thick Si02 10,000A thick, min Lapped (gold optional) Aluminum 10,000A thick, min (15,000A gold optional) Silicon Nitride
VA L U E S
8 resistors from 100 to 500K
PA C K AG I N G
Two inch square trays of 196 chips maximum is standard.
N OT E S
1. Resistor pattern may vary from one value to another.
PA R T N U M B E R D E S I G N AT I O N
NCC Series 5003 Value First 3 digits are significant value. Last digit repressents number of zeros. R indicates decimal point. F Tolerance D = 0.5% F = 1% G = 2% J = 5% K = 10% M = 20%
C0970500
A TCR No Letter = 100ppm A = 50ppm B = 25ppm
G Bond Pads G = Gold No Letter = Aluminum
W Backing W = Gold L = Lapped No Letter = Either
P Ratio Tolerance No Letter = 1% P = 0.5%
(c) 2000 California Micro Devices Corp. All rights reserved. 6/2/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1


▲Up To Search▲   

 
Price & Availability of NCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X